Part Number Hot Search : 
MN5200 3045C CPC6826 P06P03 721RP 12F60UC KP8M6 10E12
Product Description
Full Text Search
 

To Download BAT54T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54T/AT/CT/ST Surface Mount Schottky Diodes
P b Lead(Pb)-Free
SCHOTTKY DIODES 200m AMPERES 30 VOLTS
Features:
* Low forward voltage * Fast switching * Ultra-Small Surface Mount Package * PN Junction Guard Ring for Transient and ESD Protection
3 1 2
Mechanical Data:
* Terminals: Solderable per MIL-STD-202, Method 208 * Polarity: See Diagrams Page.2 * Marking: See Diagrams Page.2 * Weight: 0.002 grams (approx)
SOT-523(SC-75)
SOT-523 Outline Dimensions (SC-75)
SC-75
B C
Unit:mm
A
TOP
VIEW
D E G H K L
J
M
Dim A B C D E G H J K L M
0.30 0.70 1.45 0.15 0.80 1.40 0.00 0.70 0.37 0.10
Min
0.50 0.90 1.75 0.50 0.40 1.00 1.80 0.10 1.00 0.48 0.25
Max
http://www.weitron.com.tw
WEITRON
1/3
09-Sep-05
BAT54T/AT/CT/ST
Maximum Ratings
Characteristic
Non-Repetitive Peak Reverse Voltage DC Blocking Voltage Average Rectified Output Current Power Dissipation Storage Temperature Range Storage Temperature Range
(TA=25C Unless otherwise noted)
Symbol
VRRM VR IO Pd TJ TSTG
Value
30 200 150 150 -55 to + 150
Unit
V mA mW C C
Electrical Characteristics
Characteristic
Reverse Breakdown Voltage IR=100A Forward Voltage IF=0.1mA IF=1mA IF=10mA IF=30mA IF=100mA Total Capacitance VR=1V, f=1.0MHz Reverse Current VR=25V
(TA=25C Unless otherwise noted)
Symbol
V(BR)R
Min
30
Max
Unit
V
VF
240 320 400 500 1000 10 2 5.0
V
CT IR Trr
PF A nS
Reverse Recover Time IF =10mA, IR =10mA~1mA, RL=100
Device Marking
Item
BAT54T BAT54AT BAT54CT BAT54ST
Marking
L1 L2 L3 L4
Eqivalent Circuit diagram
3 3 3 3 1 2 1 2 1 2 1
http://www.weitron.com.tw
WEITRON
2/3
09-Sep-05
BAT54T/AT/CT/ST
Electrical Characteristic curves(TA=25C)
IF, INSTANTANEOUS FORWARD CURRENT (A)
1
PD, P WER DISSIPATION (mW)
0.1
200
0.01
TA = 125C
TA = 75C TA = 25C TA = 0C
100
0.001
TA = - 40C
0
0.0001
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
Fig. 1 Power Derating Curve
TA, AMBIENT TEMPERATURE (C)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig .2 Forward Characteristics .
100
TA = 125C
12
f = 1.0MHz
CT, TOTAL CAPACITANCE (pF)
20 25 30
10
10
1
TA = 75C
8
TA = 25C
6
0.1
TA = 0C
4
0.01
2
0.001
0
5
10
15
0 0 5 10 15 20 25 30
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
Fig. 4 Typical Capacitance vs. Reverse Voltage
VR, REVERSE VOLTAGE (V)
http://www.weitron.com.tw
WEITRON
3/3
09-Sep-05


▲Up To Search▲   

 
Price & Availability of BAT54T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X